Part Number Hot Search : 
AM29F200 G910TD1B 0EL51MNR G910TD1B AD7397AR 15108P H8S2370R 232015JP
Product Description
Full Text Search
 

To Download UAS2D680MHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
AS
Wide Temperature Range, Miniature Type Permissible Abnormal Voltage
series
Improved safety feature for abnormally excessive voltage. High ripple current product. Adapted to the RoHS directive (2002/95/EC).
AQ
Smaller
AS
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
Performance Characteristics - 40 ~ +105C 200V 33 ~ 330F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is 0.04CV+100 (A) or less.
Rated voltage (V) tan (MAX.)
200 0.15
Rated voltage (V)
Measurement frequency:120Hz, Temperature:20C
Stability at Low Temperature
Impedance ratio ZT / Z20 (MAX.)
Z- 25C / Z+20C Z- 40C / Z+20C
200 3 6
Measurement frequency : 120Hz
Endurance Shelf Life Safety Performance
After an application of D.C. bias voltage plus the rated ripple current for 2000 hours at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
After leaving capacitors under no load at 105C for 1000 hours, they meet the specified value for endurance characteristics listed above.
The pressure relief vent will operate in normal conditions, with no dangerous conditons such as flames, ignitions or dispersion of pieces of the capacitor and / or case.
voltage (V) 200 Marking
Test conditions
Limited DC current 4A (5A : 330F) Test Voltage 300VDC and 375VDC
Printed with white color letter on dark brown sleeve.
Radial Lead Type
Sleeve (P.E.T.) +0.5MAX.
B
Type numbering system (Example : 200V 220 F)
d
UA S 2 D 2 2 1 MHD
P 0.5
1 2 3 4 5 6 7 8 9 10 11 12 Size code Configuration Capacitance tolerance (20%) Rated Capacitance (220F) Rated voltage (200V) Series name Type
BD
Pressure relief vent
L+2.0MAX.
15MIN
4MIN
BD
10 12.5 16 18 P 5.0 5.0 7.5 7.5 Bd 0.6 0.6 0.8 0.8
(mm)
* Please refer to page 21 about the end seal configulation.
In case L>25 for B12.5 (D) case sizes, lead diameter B0.8 (d) will be applied.
Configuration Pb-free leadwire BD Pb-free PET sleeve 10 PD 12.5 ~ 18 HD
200 (2D)
Dimensions
V Cap.(F)
Code
D
10 10 x 20 10 x 25 160 195
12.5 12.5 x 20 12.5 x 20 12.5 x 25 12.5 x 25 12.5 x 31.5 195 210 320 360 430
16
18
Case size D x L (mm) Rated ripple
33 47 56 68 82 100 150 180 220 270 330
330 470 560 680 820 101 151 181 221 271 331
16 x 20 16 x 25 16 x 31.5
430 460 600
18 x 20 18 x 25 18 x 31.5 18 x 35.5 18 x 40
460 600 710 890 910
Rated Ripple (mArms) at 105C 120Hz : In this case, 6 will be put at 12th digit of type numbering system.
Frequency coefficient of rated ripple current
Frequency
Coefficient
50, 60Hz 0.80
120Hz 1.00
300Hz 1.25
1kHz 1.40
10kHz ~ 1.60
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UAS2D680MHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X